Part Number Hot Search : 
IRFR2905 BC847CT 32000 3539UR 00BZI 9NK65ZFP 1210Y10 AM28F
Product Description
Full Text Search
 

To Download BZX55C2V4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
BZX55C2V4 THRU BZX55C39
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
FEATURES
* Voltage Range:2.4V to 39V * Double slug type construction
DO-34 / DO-35
MECHANICAL DATA
* Case: Glass sealed case * Lead: MIL-STD-202E, Method 208 guaranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.13 gram
0.52O 25.0MIN
L 2.0MAX
25.0MIN DO-34 DO-35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
L:
2.9 MAX
4.2 MAX
Dimensions in millimeters
SYMBOL Zener Current see Table "Characterisitics"
o Power Dissipation at Tamb=25 C
VALUE 500 (1) 175 -55 to + 175
UNITS
Ptot Tj Tstg
mW
o o
Junction Temperature Storage Temperature Range
C
C
K/mW Thermal Resistance Junction to Ambient Air RthA 0.3
(1)
Typ. Min. Max. Volts
Forward Voltage at IF=100mA
VF
1
Typ. Min. Max.
1)Valid Provided that leads are kept at ambient temperature at a distance of 8 mm from case. NOTE: 1.Standard Zener Voltage Tolerance 5% 2.Suffix "M" stands for "DO-34" package.(e.g.:BZX55C2V4M, BZX55C39M)
158
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES (BZX55C SERIES)
Nominal Zener Maximum Zener Maximum Reverse Typical Maximum Zener Test IZK Regulator Impedance Leakage Current Temperature Voltage Current Current Coefficient VZ@IZT IZT ZZT@IZT ZZT@IZK IR @VR IZM Min Max mA Ohms Ohms mA uA Volts % / oC mA
BZX55C2V4 BZX55C2V7 BZX55C3V0 BZX55C3V3 BZX55C3V6 BZX55C3V9 BZX55C4V3 BZX55C4V7 BZX55C5V1 BZX55C5V6 BZX55C6V2 BZX55C6V8 BZX55C7V5 BZX55C8V2 BZX55C9V1 BZX55C10 B Z X 5 5 C 11 BZX55C12 BZX55C13 BZX55C15 BZX55C16 BZX55C18 BZX55C20 BZX55C22 BZX55C24 BZX55C27 BZX55C30 BZX55C33 BZX55C36 BZX55C39 2.28 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11 . 4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11 . 6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 11 0 11 0 170 170 220 220 220 220 220 220 220 500 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 1 1 2 3 5 6.2 6.8 7.5 8.2 9.1 10 11 12 12 15 16 18 20 22 24 27 30 -0.085 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.092 +0.093 +0.094 155 135 125 115 105 95 90 85 80 70 64 58 53 74 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10
Breakdown characteristic
changes in the power dissipation due to the ambient temperature. Power dissipation Pd(mw)
40 mA 50 5V 10V 15V 20V
BZX55-SERIES
25V 30V
500 400 300 200 100
IZ
30
20 Test Current IZ 5mA
10
50
100 150 200 300
Ta(oC) Ambient Temperature.
0 6V8 6V2 5V6 5V1 4V7 4V3 3V9 3V3 2V4 9V1 11 12 15 20 22 24 27
VZ
DC COMPONENTS CO., LTD.
R
159
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of BZX55C2V4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X